Part Number Hot Search : 
C5032 TR3V107 P2504 PC451C PC451C 25C01 AQV104A 00400
Product Description
Full Text Search
 

To Download S0404AA13R8BKW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0404 thin film chip resistor standard grade, surface mount, solderable state of the art, inc. state of the art, inc. 2470 fox hill road, state college, pa 16803-1797 2470 fox hill road, state college, pa 16803-1797 phone (814) 355-8004 fax (814) 355-2714 phone (814) 355-8004 fax (814) 355-2714 toll free 1-800-458-3401 toll free 1-800-458-3401 where quality isn't a goal...it's our tradition where quality isn't a goal...it's our tradition two packaging options are available: ? bulk packaging - (5000 per bag max.)  waffle pack - (400 per tray max.) two packaging options are available:  bulk packaging - (5000 per bag max.)  waffle pack - (400 per tray max.) packaging sota offers a full line of component parts in the 0404 size including high-reliability (customer specified testing). available options are epoxy bondable and wire bondable terminations, and custom part marking. sota offers a full line of component parts in the 0404 size including high-reliability (customer specified testing). available options are epoxy bondable and wire bondable terminations, and custom part marking. options performance characteristics performance characteristics resistance range tolerances maximum power maximum voltage resistance range tolerances maximum power maximum voltage  0.1%, 0.25%, 0.5%, 1%, 2%, 5%, 10% 75 mw 40 volts 0.1%, 0.25%, 0.5%, 1%, 2%, 5%, 10% 75 mw 40 volts part numbering mechanical length width thickness top term. approx. weight length width thickness to p term. approx. weight inches .040 (+.002/-.002) .040 (+.002/-.002) .009 - .011 .006 - .008 .00110 grams inches .040 (+.002/-.002) .040 (+.002/-.002) .009 - .011 .006 - .008 .00110 grams mm 1.02 (+.05/-.05) 1.02 (+.05/-.05) .23 - .27 .15 - .20 mm 1.02 (+.05/-.05) 1.02 (+.05/-.05) .23 - .27 .15 - .20 power derating current noise protective encapsulant protective encapsulant 99.6% alumina chip 99.6% alumina chip precision thin film resistor precision thin film resistor typical life test performance power dissipation features solderability: solder coating compatible with sn60, 62 or 63 solders, provides good wetting with all types of solder attachment. all product is tested iaw mil-std-202, method 208, including 8 hour steam aging. solderability: solder coating compatible with sn60, 62 or 63 solders, provides good wetting with all types of solder attachment. all product is tested iaw mil-std-202, method 208, including 8 hour steam aging. <25ppm 0.02% 0.02% 0.02% 0.02% 0.03% 0.03% see chart < 25 ppm 0.02% 0.02% 0.02% 0.02% 0.03% 0.03% see chart environmental performance (1) environmental performance (1) tcr (-55 to +125 c in ppm/ c) thermal shock low temperature operation short-time overload resistance to bonding exposure moisture resistance high temperature exposure life tcr (-55 to +125 c in ppm/ c) thermal shock low temperature operation short-time overload resistance to bonding exposure moisture resistance high temperature exposure life 08/08/00 (1) typical resistance change, the maximum is the same as mil-prf-55342. test methods are per mil-prf-55342. (1) typical resistance change, the maximum is the same as mil-prf-55342. test methods are per mil-prf-55342.  tolerances to 0.1%  operating temperature range : -55 c to +150 c  for high-density hybrid circuits where space is at a premium  tolerances to 0.1%  operating temperature range : -55 c to +150 c  for high-density hybrid circuits where space is at a premium tcr'sto25ppm  made with the same materials and process as our mil-prf-55342 "s" level qualified chips  delivers greater power handling capability with lighter weight construction  tcr's to 25 ppm  made with the same materials and process as our mil-prf-55342 "s" level qualified chips  delivers greater power handling capability with lighter weight construction tcr e: 25 ppm h: 50 ppm k: 100 ppm tcr e: 25 ppm h: 50 ppm k: 100 ppm tolerances b: 0.1% c: 0.25% d: 0.5% f: 1% g: 2% j: 5% k: 10% m: 20% tolerances b: 0.1% c: 0.25% d: 0.5% f: 1% g: 2% j: 5% k: 10% m: 20% resistance value three or four digits are used with all leading digits significant. four digits are used for 1% tolerance or lower, otherwise three digits are used. the last digit specifies the number of zeros to add. the letter "r" is used to represent the decimal for fractional ohmic values. example: 5r6 is 5.6 ohms. resistance value three or four digits are used with all leading digits significant. four digits are used for 1% tolerance or lower, otherwise three digits are used. the last digit specifies the number of zeros to add. the letter "r" is used to represent the decimal for fractional ohmic values. example: 5r6 is 5.6 ohms. termination material w: gold b: pretinned solder over nickel termination material w: gold b: pretinned solder over nickel substrate matieral a: alumina ceramic substrate matieral a: alumina ceramic termination style a: top sided with bottom isolated c: wraparound termination style a: to p sided with bottom isolated c: wraparound s0404aa 150 j h w s0404aa 150 j h w


▲Up To Search▲   

 
Price & Availability of S0404AA13R8BKW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X